Electronic Components Datasheet Search
  English  ▼

X  

MBR30100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR30100CT
Description  30.0AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR30100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR30100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR30100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBR30XXCT
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBR
3035
CT
MBR
3045
CT
MBR
3050
CT
MBR
3060
CT
MBR
3090
CT
MBR
30100
CT
MBR
30150
CT
Units
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IRRM
A
0.95
0.92
1.02
0.98
0.1
mA
5mA
dV/dt
V/us
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
0.73
-
0.2
0.82
0.2
Voltage Rate of Change,(Rated VR)
Typical Junction Capacitance @4V 1.0MHz
10,000
1.0
1.5
600
460
320
MBR3035CT - MBR30150CT
30.0AMPS. Schottky Barrier Rectifiers
Marking Diagram
TO-220AB
Dimensions in inches and (millimeters)
Cases: JEDEC TO-220AB molded plastic
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage at (Note 2)
IF=15A, TA=25℃
IF=15A, TA=125℃
IF=30A, TA=25℃
IF=30A, TA=125℃
Peak Repetitive Reverse Surge Current (Note 1)
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Features
High surge capability
High temperature soldering guaranteed:
260℃/10 seconds, 0.25", (6.35mm) from case
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
For use in low voltage - high frequency inventers,
free wheeling, and polarity protection applications
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Polarity: As marked
Mounting torque: 5 in- lbs, max
Mounting position:Any
Version:G11
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Junction Temperature Range
Storage Temperature Range
Note 2: Pulse Test : 300us Pulse Width, 1% Duty Cycle
Weight: 1.90 grams
Maximum Thermal Resistance Per Leg
Type Number
- 65 to + 175
- 65 to + 150
Maximum Instantaneous Reverse Current @ TA=25 ℃
at Rated DC Blocking Voltage Per Leg
@ TA=125 ℃
IR
Maximum Recurrent Peak Reverse Voltage
IF(AV)
30
-
0.94
0.67
0.84
0.70
1.0
VF
0.77
A
15
10
7.5
0.7
0.6
0.82
0.5
0.2
V
IFRM
30
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
200
A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30100CT ETC2-MBR30100CT Datasheet
104Kb / 1P
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Taiwan Semiconductor Co...
MBR30100CT TSC-MBR30100CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR30100CT TSC-MBR30100CT Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR30100CT PANJIT-MBR30100CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
KEC(Korea Electronics)
MBR30100CT KEC-MBR30100CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results

Similar Description - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR30L45CT TSC-MBR30L45CT Datasheet
129Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
MBR30L120CT TSC-MBR30L120CT Datasheet
126Kb / 2P
30.0AMPS. Low VF Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBR30L45CT TSC-MBR30L45CT_12 Datasheet
190Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L45CT KERSEMI-MBR30L45CT Datasheet
893Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com