Electronic Components Datasheet Search
  English  ▼

X  

MMSZ5225B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5225B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5225B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5225B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5225B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5225B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5225B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Rating and Characteristic Curves
0
0
1
10
100
01
23
45
67
89
10
11
12
Ta=25°C
0
100
200
300
400
500
600
700
0
50
100
150
200
FIG 3 Zener Breakdown Characteristics
0.01
0.10
1.00
10.00
100.00
10
20
30
40
50
60
70
80
Ta=25°C
Ta=150°C
FIG 6 Effect of Zener Voltage on Impedence
1
10
100
1000
1
10
100
FIG 5 Typical Capacitance
1
10
100
1000
1
10
100
Bias at 50% of VZ(Nom)
1V Bias
Iz=20m
Iz=5mA
Iz=1mA
Zener Voltage (V)
FIG 2 Zener Breakdown Characteristics
Zener Voltage (V)
FIG 4 Power Dissipation vs. Ambient Temp.
Zener Voltage (V)
Ambient Temperature (°C)
Zener Voltage (V)
0.01
0.1
FIG 1 Typical Forward Voltage
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Ta=25°C
Ta=25°C
Forward Voltage (V)
Ta=25°C
Version : C10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com