Electronic Components Datasheet Search
  English  ▼

X  

RS1K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RS1K
Description  1.0 AMP. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS1K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RS1K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS1K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip
Fast switching for high efficiency
RS1X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
RS
1A
RS
1B
RS
1D
RS
1G
RS
1J
RS
1K
RS
1M
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
250
nS
Cj
pF
TJ
OC
TSTG
OC
IR
150
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Built-in strain relief, ideal for automated
placement
5
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.3
Case: Molded plastic
High temperature soldering:
260℃ / 10 seconds at terminals
Version:E11
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
RθjA
RθjC
105
32
OC/W
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
Typical Thermal Resistance
50
Weight: 0.064 grams
500
RS1A - RS1M
1.0 AMP. Surface Mount Fast Recovery Rectifiers
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Features
Type Number
Polarity: Indicated by cathode band
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Mechanical Data
Terminals: Pure tin plated, Lead free
Packing: 12mm tape per EIA STD RS-481
10
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @ TL=90℃
IF(AV)
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
V
A
1
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
30
A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - RS1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1K PANJIT-RS1K Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
RS1K PHILIPS-RS1K Datasheet
60Kb / 12P
SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
RS1K SURGE-RS1K Datasheet
78Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
RS1K TRSYS-RS1K Datasheet
172Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
RS1K SSE-RS1K Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
More results

Similar Description - RS1K

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4933 BYTES-SM4933 Datasheet
159Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SSF101 GWSEMI-SSF101 Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com