Electronic Components Datasheet Search
  English  ▼

X  

MMSZ5231B Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5231B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5231B Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5231B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5231B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5231B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5231B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Tape & Reel specification
12.3 ±0.20
4.00 ±0.10
2.00 ±0.05
0.22 ±0.05
8.10 ±0.20
54.4 ±0.40
13.0 ±0.20
1.75 ±0.10
3.50 ±0.05
3.94 ±0.05
1.35 ±0.10
1.75 ±0.10
178 ±1
Reel width
W1
Overall tape thickness
T
Tape width
W
Sprocke hole pitch
P0
Embossment center
P1
Sprocke hole position
E
Punch hole position
F
Reel inner diameter
D1
Feed hole width
D2
Sprocket hole
d
Reel outside diameter
D
Carrier length
B
Carrier depth
C
Item
Symbol
Dimension(mm)
Carrier width
A
3.15 ±0.10
W1
D
D2
D
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
T
C
d
P1
P0
A
B
F
W
E
Version:C10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com