Electronic Components Datasheet Search
  English  ▼

X  

UG8J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG8J
Description  8.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG8J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG8J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG8J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
UGXJ
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
Trr
nS
RθjC
OC/W
TJ
OC
TSTG
OC
Maximum Reverse Recovery Time (Note 2)
25
Maximum DC Reverse Current at Rated
T A=25 ℃
DC Blocking Voltage
T A=125 ℃
IR
30
3
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Dimensions in inches and (millimeters)
Case: TO-220AC
Epoxy: UL 94V-0 rate flame retardant
uA
Typical Thermal Resistance
VF
V
Maximum Reverse Recovery Time (Note 3)
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A / TA=25℃
@ 8 A / TA=125℃
UG8J
8.0AMPS. Glass Passivated Super Fast Rectifiers
Marking Diagram
TO-220AC
Version:E11
- 55 to + 150
Note 3: Reverse Recovery Test Conditions: I F=1.0A, di/dt=50A/us, VR=30V, IRR=0.1RM
Maximum Average Forward Rectified Current
For use in low voltage, high frequency inventor,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Weight: 2.24 grams
Type Number
Polarity: As marked
Maximum RMS Voltage
Maximum DC Blocking Voltage
Features
Maximum Repetitive Peak Reverse Voltage
Mechanical Data
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
High temperature soldering:
260℃/10 seconds/ 0.16",(4.06mm) from case
50
UG8J
600
420
8
600
2.9
2.0
200
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
65
A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - UG8J

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG8J UTC-UG8J Datasheet
194Kb / 3P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
UG8J UTC-UG8J Datasheet
101Kb / 3P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
UG8J-AL5-0-R UTC-UG8J-AL5-0-R Datasheet
194Kb / 3P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
UG8J-AL5-R UTC-UG8J-AL5-R Datasheet
101Kb / 3P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Vishay Siliconix
UG8JCT VISHAY-UG8JCT Datasheet
69Kb / 3P
Dual Ultrafast Plastic Rectifier Series
03-Jul-02
More results

Similar Description - UG8J

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
HERA801G TSC-HERA801G_11 Datasheet
264Kb / 2P
8.0AMPS. Glass Passivated High Efficient Rectifiers
SF801G TSC-SF801G_11 Datasheet
196Kb / 2P
8.0AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_11 Datasheet
209Kb / 2P
8.0AMPS Glass Passivated Super Fast Rectifier
SF801G TSC-SF801G_13 Datasheet
399Kb / 3P
8.0AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_13 Datasheet
419Kb / 3P
8.0AMPS Glass Passivated Super Fast Rectifier
SFAF801G TSC-SFAF801G_13 Datasheet
419Kb / 3P
8.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com