Electronic Components Datasheet Search
  English  ▼

X  

SP050XBA Datasheet(PDF) 2 Page - Littelfuse

Part # SP050XBA
Description  SP050xBA Lead-Free/Green Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP050XBA Datasheet(HTML) 2 Page - Littelfuse

  SP050XBA Datasheet HTML 1Page - Littelfuse SP050XBA Datasheet HTML 2Page - Littelfuse SP050XBA Datasheet HTML 3Page - Littelfuse SP050XBA Datasheet HTML 4Page - Littelfuse SP050XBA Datasheet HTML 5Page - Littelfuse SP050XBA Datasheet HTML 6Page - Littelfuse SP050XBA Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
73
©2009 Littelfuse, Inc.
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Surface Mount TVS Avalanche Diode Array
SP050xBA Lead-Free/Green Series
Absolute Maximum Ratings
Parameter
Rating
Units
Storage Temperature Range
-65 to + 150
ºC
Package Power Dissipation
SC70
SOT23-3, SOT23-5, SOT23-6, SOT143
TSSOP, MSOP
0.2
0.225
0.5
W
W
W
Electrical Characteristics T
A = +25ºC, Unless Otherwise Specified
Parameter
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
I
R < = 1μA
-
-
5.5
V
Reverse Standoff Leakage Current
V = 5.0V
1
100
nA
Signal Clamp Voltage
Positive
I = 10mA
5.6
6.8
8
V
Negative
I = 10mA
-1.2
-0.8
-0.4
V
Clamp Voltage during ESD
MIL-STD-883 Method 3015 (HBM) test
+ 8kV
12
V
- 8kV
-8
V
ESD Test Level (1)
IEC-61000-2, Contact discharge
20
kV
MIL-STD-883 Method 3015 (HBM)
30
kV
Capacitance
2.5V @ 1Mhz
30
pF
Turn on/off Time
<1
ns
Temperature Range
Operating
-40
85
ºC
Storage
-65
150
ºC
Diode Dynamic Resistance
Forward Conduction
1.0
Ω
Reverse Conduction
1.4
Ω
Note:
(1) ESD voltage applied between channel pins and ground, one pin at a time; all other channel pins are open; all ground pins are grounded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com