Electronic Components Datasheet Search
  English  ▼

X  

BFN21 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFN21
Description  PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFN21 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFN21 Datasheet HTML 1Page - Siemens Semiconductor Group BFN21 Datasheet HTML 2Page - Siemens Semiconductor Group BFN21 Datasheet HTML 3Page - Siemens Semiconductor Group BFN21 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon High-Voltage Transistor
BFN 21
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BFN 21
Q62702-F1059
DF
SOT-89
B
C
E
1
2
3
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
300
V
Collector-base voltage
VCB0
300
Collector-emitter voltage, RBE = 2.7 k
Ω
VCER
300
Collector current
IC
50
mA
Total power dissipation, TS = 120 ˚C
Ptot
1W
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 90
K/W
Junction - soldering point
Rth JS
≤ 30
Emitter-base voltage
VEB0
5
Peak collector current
ICM
100
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
Suitable for video output stages in TV sets
and switching power supplies
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Low capacitance
q
Complementary type: BFN 20 (NPN)
5.91


Similar Part No. - BFN21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN20 SIEMENS-BFN20 Datasheet
128Kb / 4P
NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN22 SIEMENS-BFN22 Datasheet
127Kb / 4P
NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Diotec Semiconductor
BFN22 DIOTEC-BFN22 Datasheet
160Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Siemens Semiconductor G...
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Diotec Semiconductor
BFN23 DIOTEC-BFN23 Datasheet
161Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BFN21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN20 SIEMENS-BFN20 Datasheet
128Kb / 4P
NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN22 SIEMENS-BFN22 Datasheet
127Kb / 4P
NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com