Electronic Components Datasheet Search
  English  ▼

X  

C44A Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44A
Description  ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44A Datasheet(HTML) 1 Page - Kemet Corporation

  C44A Datasheet HTML 1Page - Kemet Corporation C44A Datasheet HTML 2Page - Kemet Corporation C44A Datasheet HTML 3Page - Kemet Corporation C44A Datasheet HTML 4Page - Kemet Corporation C44A Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
27
C44A
MKP Series
ALUMINIUM CASE CAPACITORS
GENERAL PURPOSE APPLICATION
SCREW TERMINALS
General technical data
VDE 0560 , IEC 071 , EN 61071
Application class ( DIN 40040 )
GPD / LS
Temperature range ( Case )
-40 to + 85 °C
Max permissible ambient temperature
+70 °C
Capacitance tolerance code ( 15th digit )
J = ± 5% ; K = ± 10%
Test voltage terminal to case U
TT
1.5 U
RMS for 60 seconds
Test voltage terminal to case U
TC
3kV - 50Hz for 60 seconds
Rated insulation voltage U
i
700 V - 50 Hz - Insulation group B ( VDE 0110 part 1 )
Permissible relative humidity
Annual average ≤ 95% on 30 days / year, continuously 100% on
other days occasionally 100%. Dewing not admissible
IEC climatic category
40 / 85 / 21
Degree of protection
IP00
Capacitance deviation in the operating temperature
range of –40 to +85 °C
±1.5% max on capacitance value measured at +20 °C
Change of capacitance versus operating time
-3% after 30.000 hours at U
RMS or after 100.000 hours at Un
Case components
Aluminium case plus plastic insulating deck flame retardant
execution ( UL class 94 V1 ) .
Terminals
Tinned brass fastons or screws ( See figure on top )
Installation
Whatever Position
Life Expectancy
≥
30.000 hours at U
RMS ; ≥ 100.000 hours at Un
Failure quota
300 / 109 components hour
TECHNICAL DATA


Similar Part No. - C44A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44AFFP5200ZE0J KEMET-C44AFFP5200ZE0J Datasheet
76Kb / 1P
Film, Metallized Polypropylene, Power, C44A, 20 uF, 5%, 400 V, 250 V
C44AFFP5250ZA0J KEMET-C44AFFP5250ZA0J Datasheet
76Kb / 1P
Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 400 V, 250 V
C44AFFP5500ZE0J KEMET-C44AFFP5500ZE0J Datasheet
79Kb / 1P
C44A, Film, Metallized Polypropylene, Power, 50 uF, 5%, 250 VAC, 400 VDC
C44AFGP5750ZA0J KEMET-C44AFGP5750ZA0J Datasheet
76Kb / 1P
Film, Metallized Polypropylene, Power, C44A, 75 uF, 5%, 400 V, 250 V
C44AFGP6100ZG0J KEMET-C44AFGP6100ZG0J Datasheet
76Kb / 1P
Film, Metallized Polypropylene, Power, C44A, 100 uF, 5%, 400 V, 250 V
More results

Similar Description - C44A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
Capacitors with screw terminals
logo
Vishay Siliconix
500PGP-ST VISHAY-500PGP-ST Datasheet
101Kb / 5P
Aluminum Capacitors Power General Purpose Screw Terminals
31-Oct-08
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
Aluminum Capacitors, Power General Purpose Screw Terminals
08-May-13
logo
Kemet Corporation
C44B KEMET-C44B Datasheet
296Kb / 3P
ALUMINIUM CASE CAPACITORS SNUBBER APPLICATION FASTON 2.8 TERMINALS
C44E KEMET-C44E Datasheet
263Kb / 2P
ALUMINIUM CASE CAPACITORS AC FILTER APPLICATIONS
logo
Vishay Siliconix
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
Aluminum Capacitors, Power General Purpose Screw Terminals
28-Sep-17
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
Capacitors with screw terminals
logo
Vishay Siliconix
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
Aluminum Capacitors, Power General Purpose Screw Terminals
05-Jun-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com