Electronic Components Datasheet Search
  English  ▼

X  

2SA1213 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SA1213
Description  TRANSISTOR(PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SA1213 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SA1213 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
TRANSISTOR(PNP)
FEATURES
Complementary to 2SC2873
Small Flat Package
Power Amplifier and Switching Applications
Low Saturation Voltage
High Speed Switching Time
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
VCE=-2V, IC=-500mA
70
240
DC current gain
hFE
VCE=-2V, IC=-2A
20
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-50mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-1A,IB=-50mA
-1.2
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
40
pF
Transition frequency
fT
VCE=-2V,IC= -0.5A
100
MHz
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
70–140
120–240
MARKING
NO
NY
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-2
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
2SA1 21 3


Similar Part No. - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
203Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
10-Apr-1997
2SA1213 TOSHIBA-2SA1213 Datasheet
200Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
TRANSYS Electronics Lim...
2SA1213 TEL-2SA1213 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1213 KEXIN-2SA1213 Datasheet
501Kb / 3P
Power Switching Applications
More results

Similar Description - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com