Electronic Components Datasheet Search
  English  ▼

X  

BFP180 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFP180
Description  NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP180 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP180 Datasheet HTML 1Page - Siemens Semiconductor Group BFP180 Datasheet HTML 2Page - Siemens Semiconductor Group BFP180 Datasheet HTML 3Page - Siemens Semiconductor Group BFP180 Datasheet HTML 4Page - Siemens Semiconductor Group BFP180 Datasheet HTML 5Page - Siemens Semiconductor Group BFP180 Datasheet HTML 6Page - Siemens Semiconductor Group BFP180 Datasheet HTML 7Page - Siemens Semiconductor Group BFP180 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Nov-22-1996
BFP 180
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.18519
fA
VAF =
26.867
V
NE =
1.9818
-
VAR =
3.2134
V
NC =
1.6195
-
RBM =
60
Ω
CJE =
3.2473
fF
TF =
14.866
ps
ITF =
1.0202
mA
VJC =
1.1812
V
TR =
2.2648
ns
MJS =
0-
XTI =
3-
BF =
94.687
-
IKF =
0.025252
A
BR =
20.325
-
IKR =
0.012138
A
RB =
1.4255
Ω
RE =
3.7045
Ω
VJE =
1.1812
V
XTF =
0.3062
-
PTF =
0
deg
MJC =
0.30423
-
CJS =
0
fF
XTB =
0
-
FC =
0.87906
-
NF =
1.0236
-
ISE =
130.93
fA
NR =
0.93013
-
ISC =
6.1852
fA
IRB =
0.01
mA
RC =
0.56
Ω
MJE =
0.41827
-
VTF =
0.22023
V
CJC =
183.69
fF
XCJC =
0.08334
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.89
nH
LBO =
0.73
nH
LEI =
0.4
nH
LEO =
0.15
nH
LCI =
0nH
LCO =
0.42
nH
CBE =
189
fF
CCB =
15
fF
CCE =
187
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com