Electronic Components Datasheet Search
  English  ▼

X  

2SC2881 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC2881
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC2881 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC2881 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
TRANSISTOR (NPN)
FEATURES
Small Flat Package
High Transition Frequency
High Voltage
Complementary to 2SA1201
APPLICATIONS
Power Amplifier and Voltage Amplifier
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
120
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
120
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=120V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
DC current gain
hFE
VCE=5V, IC=100mA
80
240
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
1
V
Base-emitter voltage
VBE
VCE=5V, IC=0.5A
1
V
Transition frequency
fT
VCE=5V,IC=100mA
120
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
30
pF
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
80–160
120–240
MARKING
CO1
CY1
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
800
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
1 
www.htsemi.com
semiconductor
JinYu
2SC2881


Similar Part No. - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
159Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC2881 KEXIN-2SC2881 Datasheet
357Kb / 2P
Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
logo
WILLAS ELECTRONIC CORP
2SC2881 WILLAS-2SC2881 Datasheet
199Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com