Electronic Components Datasheet Search
  English  ▼

X  

2SC3650 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC3650
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC3650 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC3650 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
TRANSISTOR (NPN)
FEATURES
Small Flat Package
High DC Current Gain
Low VCE(sat)
Large Current Capacity
APPLICATIONS
LF Amplifiers, Various Drivers, Muting Circuit
MARKING:CF
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10µA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA,IC=0
15
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=10V,IC=0
0.1
µA
hFE(1)
VCE=5V, IC=500mA
800
3200
DC current gain
hFE(2)
VCE=5V, IC=10mA
600
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=10mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA,IB=10mA
1.2
V
Transition frequency
fT
VCE=10V,IC=50mA
220
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
17
pF
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
15
V
IC
Collector Current
1.2
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
1 
www.htsemi.com
semiconductor
JinYu
2SC3650


Similar Part No. - 2SC3650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3650 SANYO-2SC3650 Datasheet
91Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
logo
Guangdong Kexin Industr...
2SC3650 KEXIN-2SC3650 Datasheet
50Kb / 1P
NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC3650 SECOS-2SC3650 Datasheet
220Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC3650 WINNERJOIN-2SC3650 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
2SC3650 HOTTECH-2SC3650 Datasheet
191Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3650

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com