Electronic Components Datasheet Search
  English  ▼

X  

2SC3930 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC3930
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC3930 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC3930 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC3930 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC3930 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSISTOR (NPN)
FEATURES
For high-frequency Amplification Complementary to 2SA1532
Optimum for RF amplification of FM/AM radios
High transition frequency fT
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
30
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 100μA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=10V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=10V,IC=1mA
70
220
Transition frequency
fT
VCE=10V,IE=1mA,
f=200MHZ
150
MHz
Common emitter reverse transfer
capacitance
Cre
VCB=10V,IC=1mA,
f=10.7MHZ
1.5
pF
Noise figure
NF
VCB=10V,IC=1mA, f=5MHz
4
dB
Reverse transfer impedance
Zrb
VCB=10V,IC=1mA, f=2MHz
50
Ω
CLASSIFICATION OF hFE(1)
Marking
VB
VC
Range
70-140
110-220
SOT-323
1.BASE
2.EMITTER
3.COLLECTOR
2SC3930
1 
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SC3930

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SC3930 SECOS-2SC3930 Datasheet
190Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
2SC3930 BILIN-2SC3930 Datasheet
373Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3930

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com