Electronic Components Datasheet Search
  English  ▼

X  

1N482B Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N482B
Description  SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N482B Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N482B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N482B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N482B MICROSEMI-1N482B Datasheet
57Kb / 1P
High Conductance DO-35 Diodes
1N482B MICROSEMI-1N482B Datasheet
67Kb / 1P
High Conductance DO-35 Diodes
logo
List of Unclassifed Man...
1N482B ETC1-1N482B Datasheet
266Kb / 6P
silicon diode
logo
Digitron Semiconductors
1N482B DIGITRON-1N482B Datasheet
58Kb / 1P
LOW LEAKAGE RECTIFIER
logo
List of Unclassifed Man...
1N482BM ETC1-1N482BM Datasheet
266Kb / 6P
silicon diode
More results

Similar Description - 1N482B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
SI RECTIFIER, 2A I(O)/I(F) S 5A
30S8 NJSEMI-30S8 Datasheet
72Kb / 1P
SI RECTIFIER, 2A < I(O)/I(F) S 5A
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
SI RECTIFIER, I(O)/I(F) S 100MA
1N250 NJSEMI-1N250 Datasheet
101Kb / 1P
SI RECTIFIER, 5A < I(O)/I(F) < 10A
1N483A NJSEMI-1N483A Datasheet
90Kb / 1P
SI RECTIFIER, 100MA < I(O)/I(F) S 200MA
1N3082 NJSEMI-1N3082 Datasheet
68Kb / 1P
Si Rectifier , 200mA < I(0)/I
1N3174 NJSEMI-1N3174 Datasheet
111Kb / 1P
Si Rectifier, 200A < I(O)/I(F) s 500A
1N3378 NJSEMI-1N3378 Datasheet
75Kb / 1P
SI RECTIFIER, 10A < I(O)/I(F) s 20A
1N3587 NJSEMI-1N3587 Datasheet
100Kb / 1P
Si Rectifier, 200A < I(O)/I(F) s 500A
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
Si Rectifier, 1A < I(O) / I(F) s 2A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com