Electronic Components Datasheet Search
  English  ▼

X  

2CL72B Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # 2CL72B
Description  Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

2CL72B Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  2CL72B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 2CL72B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
2CL72B
Characteristic Curves
特性曲线
0
5
10
15
20
25
0
2
4
6
10
Ta = 25 °C
12
8
30
Ta = 100 °C
大昌电子
DACHANG ELECTRONICS
正向特性曲线
正向电压
VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
反向电压特性分布
RECERSE VOLTAGE CHARACTENRISTIC DISTRIBUTION
12
16
20
24
10
20
30
40
50
60
70
80
90
100
反向电压 VZ(KV)
VZ,Reverse voltage(KV)
Tj=25
°C
Iz=25uA
N=100pcs
0.05
0.1
0.5
1
Tj = 25°C
REVERSE CHARACTERISTIC [VR-IR]
反向特性曲线
反向重复峰值电压
VR(KV)
Repetitive Peak Reverse Voltage (KV)
912
15
10
11
14
17
16
80
0
40
120
160
200
240
20
40
60
80
100
120 140
0
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
REVERSE RECVERY TIME CHARACTENRISTIC[Ta-Trr]
反向恢复时间特性



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com