Electronic Components Datasheet Search
  English  ▼

X  

RU1H100Q Datasheet(PDF) 1 Page - Ruichips Semiconductor Co., Ltd

Part # RU1H100Q
Description  N-Channel Advanced Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1H100Q Datasheet(HTML) 1 Page - Ruichips Semiconductor Co., Ltd

  RU1H100Q Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 9Page - Ruichips Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright
© Ruichips Semiconductor Co., Ltd
Rev.A –SEP., 2010
www.ruichips.com
RU1H100
N-Channel Advanced Power MOSFET
Features
Pin Description
Symbol
Parameter
Rating
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
100
VGSS
Gate-Source Voltage
±25
V
TJ
Maximum Junction Temperature
175
°C
TSTG
Storage Temperature Range
-55 to 175
°C
IS
Diode Continuous Forward Current
TC=25°C
75
①
A
Mounted on Large Heat Sink
IDP
300
µs Pulsed Drain Current Tested
TC=25°C
300
TC=25°C
75
①
ID
Continue Drain Current
TC=100°C
59
A
TC=25°C
200
PD
Maximum Power Dissipation
TC=100°C
100
W
RθJC
Thermal Resistance -Junction to Case
0.75
RθJA
Thermal Resistance-Junction to Ambient
62.5
°C/W
Drain-Source Avalanche Ratings
Storage Temperature Range
-55 to 150
EAS
②
Avalanche Energy ,Single Pulsed
400
mJ
Absolute Maximum Ratings
•
100V/75A
RDS (ON)=11m
Ω(Typ.) @ VGS=10V
• Ultra Low On-Resistance
• Extremely high dv/dt capability
• Fast Switching and Fully Avalanche Rated
• 100% avalanche tested
Applications
·High Speed Power Switching
·Uninterruptible Power Supply
TO-220
TO-220F
TO-247
TO-263
N-Channel MOSFET


Similar Part No. - RU1H100Q

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
N-Channel Advanced Power MOSFET
RU1H130S RUICHIPS-RU1H130S Datasheet
333Kb / 8P
N-Channel Advanced Power MOSFET
RU1H140R RUICHIPS-RU1H140R Datasheet
331Kb / 8P
N-Channel Advanced Power MOSFET
RU1H140R3 RUICHIPS-RU1H140R3 Datasheet
457Kb / 8P
N-Channel Advanced Power MOSFET
More results

Similar Description - RU1H100Q

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H35Q RUICHIPS-RU1H35Q Datasheet
370Kb / 9P
N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
N-Channel Advanced Power MOSFET
RU1HE16L RUICHIPS-RU1HE16L Datasheet
285Kb / 9P
N-Channel Advanced Power MOSFET
RU2H15S RUICHIPS-RU2H15S Datasheet
280Kb / 9P
N-Channel Advanced Power MOSFET
RU2H50Q RUICHIPS-RU2H50Q Datasheet
282Kb / 9P
N-Channel Advanced Power MOSFET
RU4H10P RUICHIPS-RU4H10P Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
RU206G RUICHIPS-RU206G Datasheet
247Kb / 9P
N-Channel Advanced Power MOSFET
RU2090M RUICHIPS-RU2090M Datasheet
305Kb / 9P
N-Channel Advanced Power MOSFET
RU4090L RUICHIPS-RU4090L Datasheet
281Kb / 9P
N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com