Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # DB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DB3 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  DB3 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB3 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB3/DB4
SIYU R
SILICON BIDIRECTIONAL DIAC
特征 Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子: 镀锡轴向引线 Terminals: Plated axial leads
·安装位置: 任意 Mounting Position: Any
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
双向触发二极管
大昌电子 DACHANG ELECTRONICS
极限参数( LIMITING VALUES )
符号
Symbols
Pc
ITRM
TSTG
Parameters
Power Dissipation
Repetitive Peak on-state Current
Storage Temperature
TA=50℃
tp=10uS
F=100Hz
Value
DB3/DB4
mW
A
℃
150
2.0
-40 to +125
电特性(ELECTRICAL CHARACTERISTICS)
VBO
Breakover Voltage [Note 2 ]
Value
DB3
Test Conditions
I+VBOI- I-VBOI
击穿电压对称性
Dynamic Breakover Voltage [Note 1 ]
Output Voltage [Note 1 ]
Breakover Current [Note 1 ]
Rise Time [Note 1 ]
Leakage Current [Note 1 ]
I ± △VI
Vo
IBO
tr
IB
C=22nF [Note 2 ]
See Diagram 1
C=22nF [Note 2 ]
See Diagram 1
△I=[ IBO to IF=10mA ]
See Diagram 1
See Diagram 2
C=22nF [Note 2 ]
See Diagram 3
See Diagram 1
VBBO=0.5V max
Min
Typ
Max
Max
Min
Min
Max
Typ
Max
V
uA
uS
uA
V
V
V
± 3
5
5
100
1.5
10
28
36
32
单位
Unit
参数
峰值脉冲电压
功耗
贮存 温度范围
单位
Unit
符号
Symbols
Parameters
参数
测试条件
击穿电压
Breakover Voltage Symmetry
动态回弹电压
输出电压
击穿电流
上升时间
漏电电流
TJ
0 perating Junction Temperature
℃
-40 to +100
工作结温范围
Notes:1.Electrical characteristics applicable in both forward and reverse directions.
2.Connected in parallel with the devices.
Peak Current [Note 1 ]
IP
See Diagram 2 (Gate)
Min
A
0.3
峰值电流
DO-35 Glass
Unit:mm
DB4
35
45
40


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
413Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com