Electronic Components Datasheet Search
  English  ▼

X  

DB4 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # DB4
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DB4 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  DB4 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB4 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
大昌电子 DACHANG ELECTRONICS
+IF
10mA
IBO
IB
-V
-IF
VBO
+V
△V
0.5V BO
500K
10K
200V
50Hz
0.1F
D.U.T
Vo
R=20
tr
10%
90%
Ip
DIAGRAM 1: Current-voltage characteristics
DIAGRAM 2: Test circuit for output voltage
DIAGRAM 3: Test circuit see diagram 2
10
100
1000
10000
0.01
0.1
1
2
tp[ s ]
F=100Hz
TJ initial=25℃
Tamb [℃]
P [mW]
160
140
120
100
80
60
40
20
0
0
10
20
3040
50
6070
80
90 100
110 120 130
FIG.1-Power dissipation versus ambient
temperature ( maximum values )
FIG.2-Peck pulse current versus pluse duration
( maximum values )
DB3/DB4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com