Electronic Components Datasheet Search
  English  ▼

X  

BFP450 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFP450
Description  NPN Silicon RF Transistor (For medium power amplifiers)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP450 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFP450 Datasheet HTML 1Page - Siemens Semiconductor Group BFP450 Datasheet HTML 2Page - Siemens Semiconductor Group BFP450 Datasheet HTML 3Page - Siemens Semiconductor Group BFP450 Datasheet HTML 4Page - Siemens Semiconductor Group BFP450 Datasheet HTML 5Page - Siemens Semiconductor Group BFP450 Datasheet HTML 6Page - Siemens Semiconductor Group BFP450 Datasheet HTML 7Page - Siemens Semiconductor Group BFP450 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BFP 450
Semiconductor Group
Sep-09-1998
3
Common Emitter S-Parameters
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 2V, IC = 50mA
0.01
0.1
0.5
1
2
3
4
5
6
0.143
0.469
0.681
0.705
0.73
0.752
0.783
0.797
0.813
-30.7
-121.7
-172.4
173.1
154.7
139.5
124.1
112.5
103.7
69.9
51.98
14.86
7.26
3.42
2.22
1.62
1.23
1.01
174.8
125.6
90.7
74.6
55
38.4
22.4
8.8
-2.9
0.0018
0.0139
0.0289
0.047
0.08
0.1183
0.1461
0.1633
0.1864
85.2
59.6
51.4
55.7
51.2
42
30.3
20.7
12.6
0.904
0.744
0.466
0.464
0.491
0.529
0.587
0.606
0.625
-6.6
-64.2
-146.1
-172.2
163.6
145.5
131.9
119.5
108.9
Common Emitter Noise Parameters
f
Fmin 1)
Ga 1)
Γ
opt
RN
rn
F50Ω 2)
|
S21|2 2)
GHz
dB
dB
MAG
ANG
Ω
-
dB
dB
VCE = 2V, IC = 10mA
0.9
1.8
2.4
3
4
0.9
1.25
1.45
1.7
2.1
15.5
11.8
10.9
8.5
6.6
0.29
0.47
0.56
0.62
0.66
175
-171
-159
-147
-127
2.7
3
3.5
5.5
15.5
0.054
0.06
0.07
0.11
0.31
0.98
1.74
2.23
3.05
4.49
16
9.5
6.8
4.7
1.9
1) Input matched for minimum noise figure, output for maximum gain
2)
ZS = ZL = 50Ω
For more and detailed S- and Noise-parameters please contact your local Siemens
distributor or sales office to obtain a Siemens Application Notes CD-ROM or see Internet:
http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
3
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com