Electronic Components Datasheet Search
  English  ▼

X  

DTA124ESA Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # DTA124ESA
Description  Digital transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

DTA124ESA Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  DTA124ESA Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. DTA124ESA Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25
℃)
Limits (DTA124E
)
Parameter
Symbol
E
UA
KA
CA
SA
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-40~10
V
IO
-30
Output current
IC(MAX)
-100
mA
Power dissipation
Pd
150
200
300
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
-0.5
VCC=-5V ,IO=-100µA
Input voltage
VI(on)
-3
V
VO=-0.2V ,IO=-5 mA
Output voltage
VO(on)
-0.3
V
IO/II=-10mA/-0.5mA
Input current
II
-0.36
mA
VI=-5V
Output current
IO(off)
-0.5
µA
VCC=-50V ,VI=0
DC current gain
GI
56
VO=-5V ,IO=-5mA
Input resistance
R1
15.4
22
28.6
KΩ
Resistance ratio
R2/R1
0.8
1
1.2
Transition frequency
fT
250
MHz
VO=-10V ,IO=-5mA,f=100MHz
Typical Characteristics
DTA124EE/DTA124EUA/DTA124ECA/DTA124EKA/DTA124ESA
2
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com