Electronic Components Datasheet Search
  English  ▼

X  

DTA143TM Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # DTA143TM
Description  DIGITAL TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

DTA143TM Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  DTA143TM Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. DTA143TM Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (Ta=25
℃)
Typical Characteristics
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
V
Ic=-50µA
Collector-emitter breakdown voltage
V(BR)CEO
-50
V
Ic=-1mA
Emitter-base breakdown voltage
V(BR)EBO
-5
V
IE=-50µA
Collector cut-off current
ICBO
-0.5
µA
VCB=-50V
Emitter cut-off current
IEBO
-0.5
µA
VEB=-4V
Collector-emitter saturation voltage
VCE(sat)
-0.3
V
IC=-5mA,IB=-0.25mA
DC current transfer ratio
hFE
100
600
VCE=-5V,IC=-1mA
Input resistance
R1
3.29
4.7
6.11
KΩ
Transition frequency
fT
250
MHz
VCE=-10V ,IE=5mA,f=100MHz
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits (DTA143T
□ )
Unit
M
E
UA
CA
KA
SA
Collector-base
voltage
V(BR)CBO
-50
V
Collector-emitter voltage
V(BR)CEO
-50
V
Emitter-base
voltage
V(BR)EBO
-5
V
Collector current
IC
-100
mA
Collector Power dissipation
PC
100
150
200
300
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃
2
Date:2011/05
www.htsemi.com
semiconductor
JinYu
DTA143 TM/DTA143 TE/DTA143 TUA
DTA143 TKA/DTA143 TSA/DTA143 TCA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com