Electronic Components Datasheet Search
  English  ▼

X  

EMB3 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # EMB3
Description  DIGITAL TRANSISTOR (PNP PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

EMB3 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  EMB3 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMB3
DIGITAL TRANSISTOR (PNP+ PNP)
FEATURES
Two DTA143T chips in a package
Transistor elements are independent, eliminating interference.
Mounting cost and area can be cut in half.
External circuit
MARKING: B3
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits
Unit
Collector-base
voltage
V(BR)CBO
-50
V
Collector-emitter voltage
V(BR)CEO
-50
V
Emitter-base
voltage
V(BR)EBO
-5
V
Collector current
IC
-100
mA
Collector Power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
V
IC=-50μA
Collector-emitter breakdown voltage
V(BR)CEO
-50
V
IC=-1mA
Emitter-base breakdown voltage
V(BR)EBO
-5
V
IE=-50μA
Collector cut-off current
ICBO
-0.5
μAVCB=-50V
Emitter cut-off current
IEBO
-0.5
μAVEB=-4V
Collector-emitter saturation voltage
VCE(sat)
-0.3
V
IC=-5mA,IB=-2.5mA
DC current transfer ratio
hFE
100
600
VCE=-5V,IC=-1mA
Input resistance
R1
3.29
4.7
6.11
KΩ
Transition frequency
fT
250
MHz
VCE=10V ,IE=-5mA,f=100MHz
SOT-563
1
℃
℃
www.htsemi.com
semiconductor
JinYu
1
Date:2011/ 05


Similar Part No. - EMB3

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB3 ROHM-EMB3 Datasheet
57Kb / 2P
General purpose (dual digital transistors)
EMB3 ROHM-EMB3 Datasheet
70Kb / 3P
General purpose (dual digital transistors)
EMB3 ROHM-EMB3 Datasheet
447Kb / 7P
PNP -100mA -50V Complex Digital Transistors
logo
Jiangsu Changjiang Elec...
EMB3 JIANGSU-EMB3 Datasheet
3Mb / 3P
Dual Digital Transistors (PNPPNP)
logo
Rohm
EMB3 ROHM-EMB3 Datasheet
1Mb / 10P
General purpose Dual digital transistor
More results

Similar Description - EMB3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
PNP DIGITAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
PNP Digital Transistor
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
Digital Transistor(PNP)
logo
Micro Commercial Compon...
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
PNP Digital Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com