Electronic Components Datasheet Search
  English  ▼

X  

EMD2 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # EMD2
Description  General purpose transistors (dual transistors)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

EMD2 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  EMD2 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT-563
EMD2
General purpose transistors (dual transistors)
FEATURES
Both the DTA124E chip and DTC124E chip in a package
Mounting possible with SOT-563 automatic mounting machines
Transistor elements are independent, eliminating interference
1
Mounting cost and area be cut in half
Marking: D2
Equivalent circuit
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10~40
V
IO
30
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V, IO=100μA
Input voltage
VI(on)
3
V
VO=0.2V, IO=5mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=10mA/0.5mA
Input current
II
0.36
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
56
VO=5V, IO=5mA
Input resistance
R1
15.4
22
28.6
KΩ
-
Resistance ratio
R2/R1
0.8
1
1.2
-
Transition frequency
fT
250
MHz
VCE=10V, IE=5mA, f=100MHz
www.htsemi.com
semiconductor
JinYu
1
Date:2011/ 05


Similar Part No. - EMD2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD2 ROHM-EMD2 Datasheet
83Kb / 4P
General purpose (dual digital transistors)
EMD2 ROHM-EMD2 Datasheet
104Kb / 4P
General purpose (dual digital transistors)
EMD2 ROHM-EMD2 Datasheet
373Kb / 8P
Packaging specifications
logo
Jiangsu Changjiang Elec...
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
Dual Digital Transistors (NPNNPN)
logo
Rohm
EMD2 ROHM-EMD2 Datasheet
1Mb / 13P
General purpose Dual digital transistor
More results

Similar Description - EMD2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com