Electronic Components Datasheet Search
  English  ▼

X  

EMD3 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # EMD3
Description  DIGITAL TRANSISTOR (NPN PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

EMD3 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  EMD3 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMD3
DIGITAL TRANSISTOR (NPN+ PNP)
FEATURES
DTA114E and DTC114E transistors are built-in a package.
Transistor elements are independent, eliminating interference.
Mounting cost and area can be cut in half.
External circuit
MARKING: D3
Absolute maximum ratings(Ta=25 )
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10~40
V
IO
50
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150(TOTAL)
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25 )
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V,IO=100
µA
Input voltage
VI(on)
3
V
VO=0.3V ,IO=10mA
Output voltage
VO(on)
0.3
V
IO/II=10mA/0.5mA
Input current
II
0.88
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
30
VO=5V,IO=5mA
Input resistance
R1
7
10
13
KΩ
Resistance ratio
R2/R1
0.8
1
1.2
Transition frequency
fT
250
MHz
VCE=10V ,IE=-5mA,f=100MHz
1
SOT-563
℃
℃
www.htsemi.com
semiconductor
JinYu
1
Date:2011/ 05


Similar Part No. - EMD3

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD3 ROHM-EMD3 Datasheet
83Kb / 4P
General purpose (dual digital transistors)
EMD3 ROHM-EMD3 Datasheet
103Kb / 4P
General purpose (Dual digital transistors)
EMD3 ROHM-EMD3 Datasheet
373Kb / 8P
Packaging specifications
EMD3 ROHM-EMD3 Datasheet
83Kb / 4P
General purpose (Dual digital transistors)
logo
Jiangsu Changjiang Elec...
EMD3 JIANGSU-EMD3 Datasheet
6Mb / 5P
Dual Digital Transistors (NPNPNP)
More results

Similar Description - EMD3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR39PN INFINEON-BCR39PN Datasheet
53Kb / 5P
NPN/PNP Silicon Digital Transistor Array
May-17-2004
logo
Shenzhen Jin Yu Semicon...
EMD6 HTSEMI-EMD6 Datasheet
465Kb / 1P
DIGITAL TRANSISTOR (NPN PNP)
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
DUAL DIGITAL TRANSISTOR (NPN PNP)
UMD6N HTSEMI-UMD6N Datasheet
409Kb / 1P
DIGITAL TRANSISTOR (NPN PNP)
UMD9N HTSEMI-UMD9N Datasheet
657Kb / 1P
DIGITAL TRANSISTOR (NPNPNP)
logo
Infineon Technologies A...
BCR22PNH6327 INFINEON-BCR22PNH6327 Datasheet
533Kb / 7P
NPN/PNP Silicon Digital Transistor Array
2011-07-28
logo
Jiangsu Changjiang Elec...
UMF21N JIANGSU-UMF21N Datasheet
1Mb / 4P
DUAL DIGITAL TRANSISTOR (NPNPNP)
logo
First Silicon Co., Ltd
UMC2N FS-UMC2N Datasheet
688Kb / 5P
DIGITAL TRANSISTOR (NPNPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com