Electronic Components Datasheet Search
  English  ▼

X  

9DB106 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9DB106
Description  Six Output Differential Buffer for PCIe Gen 2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB106 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9DB106 Datasheet HTML 6Page - Integrated Device Technology 9DB106 Datasheet HTML 7Page - Integrated Device Technology 9DB106 Datasheet HTML 8Page - Integrated Device Technology 9DB106 Datasheet HTML 9Page - Integrated Device Technology 9DB106 Datasheet HTML 10Page - Integrated Device Technology 9DB106 Datasheet HTML 11Page - Integrated Device Technology 9DB106 Datasheet HTML 12Page - Integrated Device Technology 9DB106 Datasheet HTML 13Page - Integrated Device Technology 9DB106 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IDT® Six Output Differential Buffer for PCIe Gen 2
9DB106
REV K 04/20/11
9DB106
Six Output Differential Buffer for PCIe Gen 2
13
INDEX
AREA
12
N
D
E1
E
α
SEATING
PLANE
A1
A
A2
e
-C-
b
c
L
aaa
C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
Ordering Information
Part / Order Number
Shipping Packaging
Package
Temperature
9DB106BFLF
Tubes
28-pin SSOP
0 to +70°C
9DB106BFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9DB106BGLF
Tubes
28-pin TSSOP
0 to +70°C
9DB106BGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C
9DB106BFILF
Tubes
28-pin SSOP
-40 to +85°C
9DB106BFILFT
Tape and Reel
28-pin SSOP
-40 to +85°C
9DB106BGILF
Tubes
28-pin TSSOP
-40 to +85°C
9DB106BGILFT
Tape and Reel
28-pin TSSOP
-40 to +85°C
"LF" after the package code are the Pb-Free configuration and are RoHS compliant.
"B" is the device revision designator (will not correlate to the datasheet revision).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com