Electronic Components Datasheet Search
  English  ▼

X  

9DB633AFILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DB633AFILF
Description  Six Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB633AFILF Datasheet(HTML) 4 Page - Integrated Device Technology

  9DB633AFILF Datasheet HTML 1Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 2Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 3Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 4Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 5Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB633AFILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT® Six Output Differential Buffer for PCIe Gen3
1668C—04/20/11
9DB633
Six Output Differential Buffer for PCIe Gen3
4
Datasheet
Electrical Characteristics - Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
Electrical Characteristics - Input/Supply/Common Parameters
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
TCOM
Commmercial range
0
70
°C
1
TIND
Industrial range
-40
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
2
VDD + 0.3
V
1
Input Low Voltage
VIL
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
GND - 0.3
0.8
V
1
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
1
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
1
Fibyp
VDD = 3.3 V, Bypass mode
10
110
MHz
2
Fipll
VDD = 3.3 V, 100MHz PLL mode
33
100.00
110
MHz
2
Pin Inductance
Lpin
7
nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,4
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1.8
ms
1,2
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
cycles
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of control inputs
5
ns
1,2
Trise
tR
Rise time of control inputs
5
ns
1,2
SMBus Input Low Voltage
VILSMB
0.8
V
1
SMBus Input High Voltage
VIHSMB
2.1
VDDSMB
V
1
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
1
SMBus Sink Current
IPULLUP
@ VOL
4
mA
1
Nominal Bus Voltage
VDDSMB
3V to 5V +/- 10%
2.7
5.5
V
1
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
100
kHz
1,5
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
5The differential input clock must be running for the SMBus to be active
Ambient Operating
Temperature
Input Current
3Time from deassertion until outputs are >200 mV
4DIF_IN input
Capacitance
Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com