Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG104D Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS9FG104D
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104D Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS9FG104D Datasheet HTML 9Page - Integrated Device Technology ICS9FG104D Datasheet HTML 10Page - Integrated Device Technology ICS9FG104D Datasheet HTML 11Page - Integrated Device Technology ICS9FG104D Datasheet HTML 12Page - Integrated Device Technology ICS9FG104D Datasheet HTML 13Page - Integrated Device Technology ICS9FG104D Datasheet HTML 14Page - Integrated Device Technology ICS9FG104D Datasheet HTML 15Page - Integrated Device Technology ICS9FG104D Datasheet HTML 16Page - Integrated Device Technology ICS9FG104D Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
IDT®
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1541C—12/16/10
ICS9FG104D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
16
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
INDEX
AREA
12
N
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
--
b
c
L
aaa
C
α
28-Pin TSSOP Package Drawing and Dimensions
Ordering Information
Part/Order Number
Shipping Packaging
Package
Temperature
9FG104DFLF
Tubes
28-pin SSOP
0 to +70°C
9FG104DFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9FG104DFILF
Tubes
28-pin SSOP
-40 to +85°C
9FG104DFILFT
Tape and Reel
28-pin SSOP
-40 to +85°C
9FG104DGLF
Tubes
28-pin TSSOP
0 to +70°C
9FG104DGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C
9FG104DGILF
Tubes
28-pin TSSOP
-40 to +85°C
9FG104DGILFT
Tape and Reel
28-pin TSSOP
-40 to +85°C
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com