Electronic Components Datasheet Search
  English  ▼

X  

LL4148 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # LL4148
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

LL4148 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  LL4148 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd LL4148 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LL4148
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
0.6
0.8
1
1.2
1.4
1.6
1
10
20
100
200
1000
Tj = 25 °C
大昌电子
DACHANG ELECTRONICS
0
255075
100 125 150 175
0.36
0.30
0.24
0.18
0.12
0.06
0
环境温度 Ta(
°C)
FORWARD CURRENT DERATING CURVE
Tamb, ambient temperature (°C)
正向电流降额曲线



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com