Electronic Components Datasheet Search
  English  ▼

X  

MB2S Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MB2S
Description  Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MB2S Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MB2S Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MB2S Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB8S
1000
1000
700
75
35
0.5
1.0
10
MB2S......MB10S
反向电压
200---1000V
正向电流
0.5 A
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF =0.4A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
℃
/W
℃
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 200 to 1000 V
Forward Current 0.5A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
RθJA
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
MB6S
600
600
420
MB4S
400
400
280
MB2S
200
200
140
5.0
500
TA = 100℃
Unit:mm
MBS
.106(2.7)
.090(2.3)
.106(2.7)
.090(2.3)
.051(1.3)
.035(0.9)
.014(0.35)
.006(0.15)
.043(1.1)
.027(0.7)
.275(7)MAX
.165(4.2)
.150(3.8)
.031(0.8)
.019(0.5)
.193(4.9)
.177(4.5)
.067(1.7)
.057(1.3)
.008(.20)
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·高温焊接保证High tempererature soldering guaranteed:
260℃/10 秒 260℃/10 seconds
·高电流浪涌承受能力
High surge current Capability
·引线和管体皆符合RoHS标准。
Lead and body according with RoHS standard
MB10S
800
800
560
MB8S
MB6S
MB4S
MB2S
MB10S
Surface Mount Bridge-Rectifier
表面安装桥式整流器


Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
GOOD-ARK Electronics
SGPD520S GOOD-ARK-SGPD520S_15 Datasheet
240Kb / 5P
Surface Mount Schottky Rectifier Reverse Voltage 20~60V Forward Current 0.5A
logo
DONGGUAN YOU FENG WEI E...
FABS1 YFWDIODE-FABS1 Datasheet
463Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??1.0A
FABS201 YFWDIODE-FABS201 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMB1F YFWDIODE-FMB1F Datasheet
494Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMB1S YFWDIODE-FMB1S Datasheet
497Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMSB20B YFWDIODE-FMSB20B Datasheet
462Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMSB30B YFWDIODE-FMSB30B Datasheet
461Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??3.0A
FMSB40B YFWDIODE-FMSB40B Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com