Electronic Components Datasheet Search
  English  ▼

X  

ICS83058I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS83058I
Description  8:1, SINGLE-ENDED MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83058I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS83058I Datasheet HTML 5Page - Integrated Device Technology ICS83058I Datasheet HTML 6Page - Integrated Device Technology ICS83058I Datasheet HTML 7Page - Integrated Device Technology ICS83058I Datasheet HTML 8Page - Integrated Device Technology ICS83058I Datasheet HTML 9Page - Integrated Device Technology ICS83058I Datasheet HTML 10Page - Integrated Device Technology ICS83058I Datasheet HTML 11Page - Integrated Device Technology ICS83058I Datasheet HTML 12Page - Integrated Device Technology ICS83058I Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IDT™ / ICS™ 8:1, SINGLE-ENDED MULTIPLEXER
9
ICS83058AGI REV. C MARCH 10, 2008
ICS83058I
8:1, SINGLE-ENDED MULTIPLEXER
Clock
Outputs
20%
80%
80%
20%
tR
t F
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q
tp
LH
tp
HL
V
DDO
2
V
DD
2
V
DDO
2
V
DD
2
CLK0:CLK7
Q
INPUT SKEW
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
PD1
t
PD2
tsk(i) =
⏐t
PD2 – tPD1⏐
CLKx
Q
CLKy
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com