Electronic Components Datasheet Search
  English  ▼

X  

2SD667A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD667A
Description  1A , 120V NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD667A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD667A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD667A
1A , 120V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
7-Oct-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Frequency Power Amplifier
Complementary Pair with 2SB647A
CLASSIFICATION OF hFE (1)
Product-Rank
2SD667A-B
2SD667A-C
2SD667A-D
Range
60~120
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
120
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
1
A
Collector Power Dissipation
PC
0.9
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
120
-
-
V
IC=10µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
100
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
10
µ
A
VCB=100V, IE=0
Emitter Cut-Off Current
IEBO
-
-
10
µ
A
VEB=4V, IC=0
DC Current Gain
hFE (1)
60
-
320
VCE=5V, IC=150mA
hFE (2)
30
-
-
VCE=5V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
1
V
IC=500mA, IB=50mA
Base to Emitter Voltage
VBE
-
-
1.5
V
VCE=5V, IC=150mA
Transition Frequency
fT
-
140
-
MHz
VCE=5V, IC=150mA
Collector Output Capacitance
Cob
-
12
-
pF
VCB=10V, IE=0, f=1MHz
TO-92MOD
1
1
1
1 Emitter
2
2
2
2 Collector
3
3
3
3 Base
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.50
6.50
H
1.70
2.05
B
8.00
9.00
J
2.70
3.20
C
12.70
14.50
K
0.85
1.15
D
4.50
5.30
L
1.60 Max
E
0.35
0.65
M
0.00
0.40
F
0.30
0.51
N
4.00 Min
G
1.50 TYP.
A
C
E
K
F
D
B
G
H
J
L
M
N


Similar Part No. - 2SD667A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD667A HITACHI-2SD667A Datasheet
32Kb / 6P
Silicon NPN Epitaxial
logo
Dc Components
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Foshan Blue Rocket Elec...
2SD667A FOSHAN-2SD667A Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
SHENZHEN KOO CHIN ELECT...
2SD667A KOOCHIN-2SD667A Datasheet
279Kb / 3P
TRANSISTOR (NPN)
logo
Shenzhen Luguang Electr...
2SD667A LUGUANG-2SD667A Datasheet
791Kb / 3P
TO-92L Transistor (NPN)
Revision:20170701-P1
More results

Similar Description - 2SD667A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SA965TM SECOS-2SA965TM Datasheet
84Kb / 1P
-0.8A , -120V PNP Plastic Encapsulated Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
0.8A , 120V NPN Plastic Encapsulated Transistor
2SD1005 SECOS-2SD1005 Datasheet
78Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
KTD1898 SECOS-KTD1898 Datasheet
77Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
KSC2383L SECOS-KSC2383L Datasheet
416Kb / 2P
1A , 160V NPN Plastic Encapsulated Transistor
M28ST SECOS-M28ST Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com