Electronic Components Datasheet Search
  English  ▼

X  

3DD13005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 3DD13005
Description  4A , 700V NPN Plastic-Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

3DD13005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  3DD13005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3DD13005
4A , 700V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
2-Nov-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power switching applications
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
700
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
9
V
Collector Current - Continuous
IC
4
A
Collector Power Dissipation
PC
2
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
700
-
-
V
IC=1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
400
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
9
-
-
V
IE=1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
1
mA
VCB=700V, IE=0
ICEO
-
-
0.1
VCE=400V, IB=0
Emitter Cut – Off Current
IEBO
-
-
0.05
mA
VEB=7V, IC=0
DC Current Gain
hFE
20
-
30
VCE=5V, IC=1A
5
-
-
VCE=5V, IC=10mA
Collector to Emitter Saturation Voltage
VCE(sat)1
-
-
0.3
V
IC=1A, IB=0.2A
VCE(sat)2
-
-
0.8
V
IC=4A, IB=1A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.6
V
IC=2A, IB=0.5A
Transition Frequency
fT
5
-
-
MHz
VCE=10V, IC=500mA, f =1MHz
Fall time
tF
-
-
0.6
µ
s
IB1= -IB2=0.4A, IC=2A, VCC=120V
Storage time
tS
1.8
-
6.6
µ
s
IC=0.25A
TO-220J


Similar Part No. - 3DD13005

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DD13005 JIANGSU-3DD13005 Datasheet
286Kb / 3P
TRANSISTOR竊?NPN 竊
logo
TRANSYS Electronics Lim...
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
logo
JILIN SINO-MICROELECTRO...
3DD13005 JSMC-3DD13005 Datasheet
255Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Jiangsu Changjiang Elec...
3DD13005 JIANGSU-3DD13005 Datasheet
3Mb / 3P
TRANSISTOR (NPN)
logo
Inchange Semiconductor ...
3DD13005 ISC-3DD13005 Datasheet
304Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 3DD13005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
3DD13007 SECOS-3DD13007 Datasheet
151Kb / 2P
8A , 700V NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com