Electronic Components Datasheet Search
  English  ▼

X  

BAT54X Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54X
Description  0.2A , 30V Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54X Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT54X Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54X Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAT54X
0.2A , 30V
Surface Mount Schottky Barrier Diode
13-Mar-2012 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Forward Voltage Drop
Extremely Fast Switching Speed
Low Reverse Capacitance
MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Non-repetitive peak reverse voltage
VRM
30
V
DC Blocking Voltage
VR
21
V
Forward current
IF
200
V
Repetitive Peak Forward Current
IFRM
300
mA
Non-repetitive peak forward current@ t=1μs
IFSM
600
mA
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
635
°C / W
Storage temperature
TJ, TSTG
125, -40~125
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Reverse breakdown voltage
V(BR)R
30
-
V
IR= 100µA
Reverse current
IR
-
0.5
2
μA
VR=25V
-
0.22
0.24
IF=0.1mA
-
0.29
0.32
IF=1mA
-
0.35
0.4
IF=10mA
-
0.41
0.5
IF=30mA
Forward voltage
VF
-
0.52
1
V
IF=100mA
Capacitance between terminals
CT
-
7.6
-
pF
VR=1V, f=1MHz
Reveres recovery time
TRR
-
-
5
nS
IF=10mA, IR=10mA ~1mA
RL=100Ω
SOD-523
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20
JV
B


Similar Part No. - BAT54X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BAT54X UTC-BAT54X Datasheet
95Kb / 4P
SCHOTTKY BARRIER (DUAL) DIODES
logo
Galaxy Semi-Conductor H...
BAT54X BILIN-BAT54X Datasheet
206Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X Datasheet
174Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Unisonic Technologies
BAT54X UTC-BAT54X Datasheet
178Kb / 4P
SCHOTTKY BARRIER (DUAL) DIODES
logo
Shenzhen Jin Yu Semicon...
BAT54X HTSEMI-BAT54X Datasheet
330Kb / 2P
Schottky Diodes
More results

Similar Description - BAT54X

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
logo
Sanyo Semicon Device
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30810 Rev. 2 - 2
logo
SeCoS Halbleitertechnol...
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
0.2A surface mount Schottky diode
logo
SeCoS Halbleitertechnol...
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com