Electronic Components Datasheet Search
  English  ▼

X  

BC857BV Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC857BV
Description  Dual PNP Plastic-Encapsulated Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC857BV Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC857BV Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC857BV Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC857BV
Dual PNP
Plastic-Encapsulated Transistors
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Epitaxial Die Construction
Complementary NPN Types Available
(BC847BV)
Ultra-Small Surface Mount Package
MARKING
K5V
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current – Continuous
IC
-100
mA
Collector Power Dissipation
PC
0.15
W
Thermal Resistance. Junction to Ambient Air
RθJA
833
°C / W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-50
-
-
V
IC= -10µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-45
-
-
V
IC= -10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -1µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-15
nA
VCB= -30V, IE=0
DC Current Gain
hFE
220
-
475
VCE= -5V, IC= -2mA
Collector-Emitter Saturation Voltage
VCE(sat)1
-
-
-0.1
V
IC= -10mA, IB= -0.5mA
VCE(sat)2
-
-
-0.4
V
IC= -100mA, IB= -5mA
Base-Emitter Saturation Voltage
VBE(sat)1
-
-0.7
-
V
IC= -10mA, IB= -0.5mA
VBE(sat)2
-
-0.9
-
V
IC= -100mA, IB= -5mA
Base-Emitter Voltage
VBE(1)
-0.6
-
-0.75
V
VCE= -5V,IC= -2mA
VBE(2)
-
-
-0.82
V
VCE= -5V,IC= -10mA
Transition Frequency
fT
100
-
-
MHz
VCE= -5V, IC= -10mA, f=100MHz
Collector Output Capacitance
Cob
-
-
4.5
pF
VCB= -10V, IE=0, f=1MHz
Noise figure
NF
-
-
10
dB
VCE= -5V, Ic= -0.2mA, f=1kHZ,
Rs=2K ,BW=200Hz
SOT-563
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.600
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
0.05 REF.
E
F
J
B
C
D
G
A
H


Similar Part No. - BC857BV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857BV PHILIPS-BC857BV Datasheet
54Kb / 8P
PNP general purpose double transistor
2001 Nov 07
logo
Diodes Incorporated
BC857BV DIODES-BC857BV Datasheet
355Kb / 3P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30433 Rev. 3 - 2
logo
NXP Semiconductors
BC857BV NXP-BC857BV Datasheet
127Kb / 8P
PNP general purpose double transistor
2001 Nov 07
logo
Micro Commercial Compon...
BC857BV MCC-BC857BV Datasheet
109Kb / 3P
PNP Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC857BV DIODES-BC857BV Datasheet
112Kb / 4P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30433 Rev. 5 - 2
More results

Similar Description - BC857BV

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413 Datasheet
1Mb / 5P
NPN - PNP Plastic-Encapsulated Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com