Electronic Components Datasheet Search
  English  ▼

X  

BCW61B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCW61B
Description  -0.1A , -32V PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCW61B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCW61B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCW61B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCW61B
-0.1A , -32V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low current
Low voltage
MARKING :
BB
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-32
V
Collector to Emitter Voltage
VCEO
-32
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-100
mA
Collector Power Dissipation
PC
0.25
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-32
-
-
V
IC= -10µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-32
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.02
µ
A
VCB= -32V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.02
µ
A
VEB= -4V, IC=0
DC Current Gain
hFE (1)
30
-
-
VCE= -5V, IC= -10µA
hFE (2)
180
-
310
VCE= -5V, IC= -2mA
hFE (3)
80
-
-
VCE= -1V, IC= -50mA
Collector to Emitter Saturation Voltage
VCE(sat)
-0.06
-
-0.25
V
IC= -10mA, IB= -0.25mA
-0.12
-
-0.55
V
IC= -50mA, IB= -1.25mA
Base to Emitter Saturation Voltage
VBE(sat)
-0.6
-
-0.85
V
IC= -10mA, IB= -0.25mA
-0.68
-
-1.05
V
IC= -50mA, IB= -1.25mA
Base to Emitter Voltage
VBE
-
-0.55
-
V
VCE= -5V, IC= -10
µA
-0.6
-
-0.75
V
VCE= -5V, IC= -2mA
-
-0.72
-
V
VCE= -1V, IC= -50mA
Transition Frequency
fT
100
-
-
MHz
VCE= -5V, IC= -10mA, f=100MHZ
Collector capacitance
Cc
-
4.5
-
pF
VCB= -10V, IE=0, f=1MHZ
Emitter capacitance
Ce
-
11
-
pF
VEB= -0.5V, Ic=0, f=1MHZ
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - BCW61B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61B PHILIPS-BCW61B Datasheet
42Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61B SAMSUNG-BCW61B Datasheet
31Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW61B SIEMENS-BCW61B Datasheet
271Kb / 9P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCW61B FAIRCHILD-BCW61B Datasheet
32Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW61B INFINEON-BCW61B Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
More results

Similar Description - BCW61B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
BCW61C SECOS-BCW61C Datasheet
1Mb / 2P
-0.1A , -32V PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com