Electronic Components Datasheet Search
  English  ▼

X  

KTC3265 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KTC3265
Description  0.8A , 35V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTC3265 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KTC3265 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTC3265 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KTC3265
0.8A , 35V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
High DC current gain
Complementary to KTA1298
CLASSIFICATION OF hFE
Product-Rank
KTC3265-O
KTC3265-Y
Range
100~200
160~320
Marking Code
EO
EY
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
800
mA
Collector Power Dissipation
PC
200
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
35
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µ
A
VCB=30V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µ
A
VEB=5V, IC=0
DC Current Gain
hFE
100
-
320
VCE=1V, IC=100mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=500mA, IB=20mA
Base to Emitter Saturation Voltage
VBE
0.5
-
0.8
V
IC=10mA, VCE=1V
Transition Frequency
fT
-
120
-
MHz
VCE=5V, IC=10mA, f=100MHz
Collector output capacitance
Cob
-
13
-
pF
VCB=10V, IE=0, f=1MHZ
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - KTC3265

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3265 KEC-KTC3265 Datasheet
250Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
logo
Galaxy Semi-Conductor H...
KTC3265 BILIN-KTC3265 Datasheet
216Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTC3265 WEITRON-KTC3265 Datasheet
328Kb / 4P
NPN General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTC3265 HTSEMI-KTC3265 Datasheet
526Kb / 2P
TRANSISTOR(NPN)
logo
GUANGDONG HOTTECH INDUS...
KTC3265 HOTTECH-KTC3265 Datasheet
167Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTC3265

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2SA965TM SECOS-2SA965TM Datasheet
84Kb / 1P
-0.8A , -120V PNP Plastic Encapsulated Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
0.8A , 120V NPN Plastic Encapsulated Transistor
2SC5344 SECOS-2SC5344 Datasheet
298Kb / 2P
0.8A , 35V NPN Plastic-Encapsulate Transistor
BC808 SECOS-BC808 Datasheet
820Kb / 3P
-0.8A , -30V PNP Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
0.5A , 35V NPN Plastic Encapsulated Transistor
KTC3879 SECOS-KTC3879 Datasheet
59Kb / 1P
0.05A , 35V NPN Plastic Encapsulated Transistor
2SA1664 SECOS-2SA1664 Datasheet
78Kb / 1P
-0.8 A, -35V PNP Plastic Encapsulated Transistor
3DD13002 SECOS-3DD13002 Datasheet
297Kb / 2P
0.8A, 600V NPN Plastic-Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
-0.5A , -35V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com