Electronic Components Datasheet Search
  English  ▼

X  

KTC3879 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KTC3879
Description  0.05A , 35V NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTC3879 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KTC3879 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KTC3879
0.05A , 35V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Power Gain
APPLICATIONS
High Frequency Application
HF, VHF Band Amplifier Application
CLASSIFICATION OF hFE
Product-Rank
KTC3879-R
KTC3879-O
KTC3879-Y
Range
40~80
70~140
120~240
Marking Code
RR
RO
RY
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
150
mW
Thermal Resistance From Junction
To Ambient
RθJA
833
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
35
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=100µA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
4
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=30V, IE=0
Collector Cut-Off Current
ICEO
-
-
0.2
µA
VCE=25V, IB=0
Emitter Cut-Off Current
IEBO
-
-
1
µA
VEB=4V, IC=0
DC Current Gain
hFE
40
-
240
VCE=12V, IC=2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=10mA, IB=1mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1
V
IC=10mA, IB=1mA
Transition Frequency
fT
100
-
-
MHz
VCE=10V, IC=1mA
Package
MPQ
Leader Size
SOT-23
3K
7 inch
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - KTC3879

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3879 KEC-KTC3879 Datasheet
431Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, HF VHF BAND AMPLIFIER)
logo
Galaxy Semi-Conductor H...
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
KTC3879 HTSEMI-KTC3879 Datasheet
485Kb / 1P
TRANSISTOR (NPN)
logo
MAKO SEMICONDUCTOR CO.,...
KTC3879 MAKOSEMI-KTC3879 Datasheet
133Kb / 2P
Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
KTC3879 HOTTECH-KTC3879 Datasheet
201Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTC3879

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
KTC3265 SECOS-KTC3265 Datasheet
226Kb / 2P
0.8A , 35V NPN Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
0.5A , 35V NPN Plastic Encapsulated Transistor
2SA1664 SECOS-2SA1664 Datasheet
78Kb / 1P
-0.8 A, -35V PNP Plastic Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
-0.5A , -35V PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com