Electronic Components Datasheet Search
  English  ▼

X  

MMBTA43 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA43
Description  0.5A , 200V NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA43 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA43 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MMBTA43
0.5A , 200V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage Application
Telephone Application
Complementary to MMBTA93
MARKING
ABX
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
200
V
Collector to Emitter Voltage
VCEO
200
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
PC
350
mW
Thermal Resistance From Junction To Ambient
RθJA
357
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
200
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
200
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
DC Current Gain
hFE(1)
1
40
-
-
VCE=10V, IC=10mA
hFE(2)
1
40
-
-
VCE=10V, IC=1mA
hFE(3)
1
40
-
-
VCE=10V, IC=30mA
Collector to Emitter Saturation Voltage
VCE(sat)
1
-
-
0.5
V
IC=20mA, IB=2mA
Base to Emitter Saturation Voltage
VBE(sat)
1
-
-
0.9
V
IC=20mA, IB=2mA
Transition Frequency
fT
50
-
-
MHz
VCE=20V, IE=10mA, f=100MHz
Collector output capacitance
Cob
-
-
4
pF
VCB=20V, IE=0, f=1MHz
Note:
1.
Pulse test: pulse width ≦ 300µs, duty cycle ≦ 2.0%
.
Package
MPQ
Leader Size
SOT-23
3K
7 inch
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA43 ZOWIE-MMBTA43 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Samsung semiconductor
MMBTA43 SAMSUNG-MMBTA43 Datasheet
65Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA43 FAIRCHILD-MMBTA43 Datasheet
27Kb / 3P
NPN High Voltage Amplifier
logo
KEC(Korea Electronics)
MMBTA43 KEC-MMBTA43 Datasheet
290Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
logo
Comchip Technology
MMBTA43 COMCHIP-MMBTA43 Datasheet
79Kb / 3P
High Voltage Transistors
More results

Similar Description - MMBTA43

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
0.5A , 35V NPN Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
S9013W SECOS-S9013W Datasheet
59Kb / 1P
0.5A , 40V NPN Plastic Encapsulated Transistor
2SC2229 SECOS-2SC2229 Datasheet
356Kb / 2P
50mA , 200V NPN Plastic Encapsulated Transistor
2SC6517 SECOS-2SC6517 Datasheet
376Kb / 4P
0.5A , 350V NPN Plastic Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
-0.5A , -35V PNP Plastic Encapsulated Transistor
MMBT2222AM SECOS-MMBT2222AM Datasheet
290Kb / 2P
0.5A, 75V NPN Plastic Encapsulated Transistor
MPSA55 SECOS-MPSA55 Datasheet
77Kb / 1P
-0.5A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com