Electronic Components Datasheet Search
  English  ▼

X  

SCS400J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS400J
Description  0.1A , 90V Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS400J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS400J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS400J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SCS400J
0.1A , 90V
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
9-Nov-2011 Rev. A
Page 1 of 2
E
F
B
C
D
A
2
2
2
2
1
1
1
1
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Extremely High Switching Speed
Low Reverse Leakage Current
High Reliability
Small Outline Surface Mount SOD-923 Package
APPLICATION
High Speed Switching
MARKING:
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
90
V
DC Reverse Voltage
VR
80
V
Average Rectified Forward Current
IF(AV)
100
mA
Peak Forward Surge Current
t=1.0 S
IFSM
500
mA
Junction & Storage Temperature
TJ,TSTG
125, -55~125
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
1.2
V
IF=100mA
Reverse Voltage Leakage Current
IR
-
0.1
µA
VR=80V
Capacitance Between Terminals
CT
-
3
pF
VR=0.5V, f=1MHz
Reverse Recovery Time
TRR
-
4
ns
VR=6V, IF=10mA, RL=100
Package
MPQ
Leader Size
SOD-923
8K
7 inch
SOD-923
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.95
1.05
D
0.75
0.85
B
0.55
0.65
E
0.15
0.25
C
0.34
0.43
F
0.07
0.17


Similar Part No. - SCS400J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
Plastic-Encapsulated Switching Diode
More results

Similar Description - SCS400J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS217F SECOS-SCS217F Datasheet
530Kb / 2P
0.1A , 80V Plastic-Encapsulated Switching Diode
SCS222DSTL SECOS-SCS222DSTL Datasheet
252Kb / 2P
0.1A , 80V Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Switching Diode
SCS21DSTL SECOS-SCS21DSTL_15 Datasheet
201Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K_15 Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com