Electronic Components Datasheet Search
  English  ▼

X  

SE33G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SE33G
Description  Voltage 200V ~ 600V 3.0 Amp Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE33G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SE33G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE33G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE33G~SE35G
Voltage 200V ~ 600V
3.0 Amp Super Fast Recovery Rectifier
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
B
A
D
REF.
Millimeter
Min.
Max.
A
25.4 (TYP)
B
7.20
9.50
C
4.80
5.60
D
1.10
1.30
RoHS Compliant Product
A suffix of “-C” specifies and halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case:Molded plastic DO-27
Epoxy:UL 94V-0 rate flame retardant
Terminals:Solderable per MIL-STD-202
method 208
Polarity:Color band denotes cathode
Mounting position:Any
Weight:1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SE33G
SE34G
SE35G
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
480
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward Rectified
Current TL=55°C
IF(AV)
3.0
A
Peak Forward Surge Current,8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
125
A
Maximum Instantaneous Forward Voltage @ 3.0A
VF
0.92
1.25
1.7
V
Maximum DC Reverse Current At
Rated DC Blocking Voltage
TJ=25°C
IR
5.0
µA
TJ=125°C
150
Maximum Reverse Recovery Time
1
TRR
15
25
nS
Typical Junction Capacitance
2
CJ
60
pF
Typical Thermal Resistance
3
RθJC
50
°C W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
2.
Thermal Resistance junction to lead.
3.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
DO-27


Similar Part No. - SE33G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SE33 MICROCHIP-SE33 Datasheet
5Mb / 478P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2012
logo
Epson ToYoCom
SE3307 EPSONTOYOCOM-SE3307 Datasheet
258Kb / 1P
CYLINDER
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
4-Channel Regulated Charge Pump White LED Driver
logo
Crystek Corporation
SE3390 CRYSTEKCRYSTAL-SE3390 Datasheet
106Kb / 1P
Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
More results

Similar Description - SE33G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCDF103 SECOS-SCDF103 Datasheet
815Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Fast Recovery Rectifier
SFG20SD50F SECOS-SFG20SD50F Datasheet
300Kb / 2P
Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
SFG08E200F SECOS-SFG08E200F Datasheet
465Kb / 4P
Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
SFG20ED100 SECOS-SFG20ED100 Datasheet
989Kb / 2P
Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20ED100F SECOS-SFG20ED100F Datasheet
740Kb / 2P
Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG16UD200 SECOS-SFG16UD200 Datasheet
227Kb / 2P
Voltage 200V ~ 600V16.0 Amp Super Fast Rectifier
SFG16UD100 SECOS-SFG16UD100 Datasheet
227Kb / 2P
Voltage 200V ~600V 16.0 Amp Super Fast Rectifier
logo
Taiwan Semiconductor Co...
ESDLW TSC-ESDLW Datasheet
354Kb / 7P
0.8A, 200V - 600V Surface Mount Super Fast Rectifier
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com