Electronic Components Datasheet Search
  English  ▼

X  

BPW21 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BPW21
Description  Silicon Photodiode for the visible spectral range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPW21 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BPW21 Datasheet HTML 1Page - Siemens Semiconductor Group BPW21 Datasheet HTML 2Page - Siemens Semiconductor Group BPW21 Datasheet HTML 3Page - Siemens Semiconductor Group BPW21 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BPW 21
Semiconductor Group
2
1998-11-13
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 ... + 80
°C
Löttemperatur (Lötstelle 2 mm vom
Gehäuse entfernt bei Lötzeit
t
≤ 3 s)
Soldering temperature in 2 mm distance
from case bottom (
t
≤ 3 s)
T
S
235
°C
Sperrspannung
Reverse voltage
V
R
10
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
250
mW
Kennwerte (
T
A = 25 °C, Normlicht A, T = 2856 K)
Characteristics (
T
A = 25 °C, standard light A, T = 2856 K)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Fotoempfindlichkeit,
V
R = 5 V
Spectral sensitivity
S
10 (
≥ 5.5)
nA/lx
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
550
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
350 ... 820
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
7.34
mm2
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L
× B
L
× W
2.73
× 2.73
mm
× mm
Abstand Chipoberfläche zu Gehäuseober-
fläche
Distance chip front to case surface
H
1.9 ... 2.3
mm
Halbwinkel
Half angle
ϕ± 55
Grad
deg.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com