Electronic Components Datasheet Search
  English  ▼

X  

SK34CL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SK34CL
Description  Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK34CL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK34CL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK34CL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK34CL
Voltage 40V
Low VF & Low IR
3.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
22-Dec -2011 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Super Low VF & Low IR
MECHANICAL DATA
Case:Molded Plastic
Epoxy:UL 94V-0 Rate Flame Retardant
Metallurgically bonded construction
Polarity:Color Band Denotes Cathode End
Mounting Position: Any
Weight:1.10 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Peak reverse voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum DC Blocking Voltage
VDC
40
V
Maximum Average Forward Current, See Fig. 1
IF
3
A
Peak Forward Surge Current @ 8.3 ms Half
Sine-Wave superimposed on rated load (JEDEC
method)
IFSM
90
Maximum Instantaneous Forward Voltage @ IF = 3A
VF
0.42
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage
3
TA= 25°C
IR
0.5
mA
TA= 80°C
5
Typical Thermal Resistance
2
RθJC
12
°C / W
Operating Temperature Range
TJ
-25~125
°C
Storage temperature
TSTG
-55~150
°C
Notes:
1.
Thermal Resistance Junction to Case
2.
Pulse Test:Pulse Width ≦ 300µs, Duty Cycle
2.0%.
≦
SMC
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.75
3.15
E
-
0.203
B
6.60
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - SK34CL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK34CL SECOS-SK34CL_15 Datasheet
136Kb / 2P
Low VF & Low IR Schottky Barrier Rectifiers
More results

Similar Description - SK34CL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM340FL SECOS-SM340FL Datasheet
160Kb / 2P
Voltage 40V 3.0 Amp Schottky Barrier Rectifiers
SK16FL SECOS-SK16FL Datasheet
1,002Kb / 2P
Voltage 60V Low VF Low IR 1.0 Amp Schottky Barrier Rectifiers
SK1045CL SECOS-SK1045CL Datasheet
194Kb / 2P
Voltage 45V low VF Low IR 10.0 Amp Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL_15 Datasheet
136Kb / 2P
Low VF & Low IR Schottky Barrier Rectifiers
logo
Nanjing International G...
SS32L DGNJDZ-SS32L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32SMB DGNJDZ-SS32SMB Datasheet
277Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32L-20V-DO-214AA DGNJDZ-SS32L-20V-DO-214AA Datasheet
305Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS34F-40V-SMAF DGNJDZ-SS34F-40V-SMAF Datasheet
319Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SRH3150 SECOS-SRH3150 Datasheet
130Kb / 2P
150 V 3.0 Amp Low IR Schottky Barrier Rectifiers
SRH3200 SECOS-SRH3200 Datasheet
250Kb / 2P
200 V 3.0 Amp Low IR Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com