Electronic Components Datasheet Search
  English  ▼

X  

SM78L05 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SM78L05
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM78L05 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SM78L05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Elektronische Bauelemente
SM78Lxx Series
Positive Voltage Regulator
06-Jul-2011 Rev. C
Page 4 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L12 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=19V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=19V, IO=40mA, TJ=25°C
11.5
12
12.5
14.5V≦VIN≦27V, 1mA≦IO≦40mA
11.4
12
12.6
VO
1mA≦IO≦70mA
11.4
12
12.6
V
14.5V≦VIN≦27V, TJ=25°C
-
55
250
V
O(Line Regulation)
16V≦VIN≦27V, TJ=25°C
-
49
200
mV
1mA≦IO≦100mA, TJ=25°C
-
22
100
V
O(Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
13
50
mV
IQ
TJ=25°C
-
4.3
6.5
mA
1mA≦IO≦40mA
-
-
0.1
I
Q
16V≦VIN≦27V
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
70
-
μV
RR
15V≦VIN≦25V, f=120Hz
37
42
-
dB
VD
TJ=25°C
-
1.7
-
V
SM78L15 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=23V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=23V, IO=40mA, TJ=25°C
14.4
15
15.6
17.5V≦VIN≦30V, 1mA≦IO≦40mA
14.25
15
15.75
VO
VIN=23V, 1mA≦IO≦70mA
14.25
15
15.75
V
17.5V≦VIN≦30V, IO=40mA, TJ=25°C
-
65
300
V
O(Line Regulation)
19V≦VIN≦30V, IO=40mA, TJ=25°C
-
58
250
mV
VIN=23V, 1mA≦IO≦100mA, TJ=25°C
-
25
150
V
O(Load Regulation)
VIN=23V, 1mA≦IO≦40mA, TJ=25°C
-
15
75
mV
IQ
TJ=25°C
-
4.6
6.5
mA
VIN=23V, 1mA≦IO≦40mA
-
-
0.1
I
Q
19V≦VIN≦30V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
82
-
μV
RR
18.5V≦VIN≦28.5V, f=120Hz
34
39
-
dB
VD
TJ=25°C
-
1.7
-
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com