Electronic Components Datasheet Search
  English  ▼

X  

SMG2391P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2391P
Description  -0.9A , -150V , RDS(ON) 1.2 P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2391P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2391P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2391P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2391P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2391P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG2391P
-0.9A , -150V , RDS(ON) 1.2 Ω
Ω
Ω
Ω
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
27-Oct-2011 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
On-State Drain Current
ID(on)
-0.5
-
-
A
VDS= -5V,VGS= -10V
Gate-Source Threshold Voltage
VGS(th)
-1
-
-
V
VDS=VGS, ID= -250uA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0,VGS= ±20V
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -120V, VGS=0
-
-
-10
VDS= -120V, VGS=0,TJ =55°C
Drain-Source On-Resistance
RDS(ON)
-
-
1.2
VGS= -10V, ID= -0.8A
-
-
1.3
VGS= -4.5V, ID= -0.7A
Forward Transconductance
gfs
-
2.2
-
S
VDS= -15V, ID= -0.5A
Diode Forward Voltage
VSD
-
-0.8
-
V
IS= -0.75A, VGS=0
Dynamic
Total Gate Charge
Qg
-
3.4
-
nC
VDS= -75V,
VGS= -4.5V,
ID= -0.8A
Gate-Source Charge
Qgs
-
1.3
-
Gate-Drain Charge
Qgd
-
1.6
-
Turn-on Delay Time
Td(on)
-
3
-
nS
VDD= -75V,
VGEN= -10V,
RGEN=6 ,
RL=93.8 ,
ID= -0.8A
Rise Time
Tr
-
10
-
Turn-off Delay Time
Td(off)
-
15
-
Fall Time
Tf
-
11
-
Input Capacitance
Ciss
-
334
-
pF
VDS= -15V,
VGS=0,
f=1.0MHz
Output Capacitance
Coss
-
41
-
Reverse Transfer Capacitance
Crss
-
23
-
Notes:
1. Pulse test : PW≦300µs, duty cycle≦2%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com