Electronic Components Datasheet Search
  English  ▼

X  

SP15200S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP15200S
Description  Voltage 200 V 15.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP15200S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP15200S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP15200S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP15200S
Voltage 200 V
15.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
08-Mar-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ITO-220A
Dimensions in millimeters
2
1
3
A
M
J
K
L
L
G
F
B
N
D
E
C
H
1
1
1
1
3
3
3
3
2
2
2
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 2.064 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Working Peak Reverse Voltage
VRSM
200
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Rectified Current
IF
15
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
180
A
Maximum Instantaneous Forward Voltage
IF=15A, TA=25°C
VF
0.92
V
IF=15A, TA=125°C
0.8
Maximum DC Reverse Current at Rated
DC Blocking Voltage
4
TA=25°C
IR
0.02
mA
TA=125°C
3
Typical Junction Capacitance
1
CJ
350
pF
Typical Thermal Resistance
2
RθJC
4
°C / W
Typical Thermal Resistance
3
RθJA
15
°C / W
Voltage Rate Of Chance (Rated VR)
dv / dt
10000
V / µs
Operating Temperature Range TJ
TJ
-50~150
°C
Storage Temperature Range TSTG
TSTG
-65~175
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Thermal Resistance Junction to Ambient.
4.
Pulse test: 300µs pulse width, 1% duty cycle.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.70
15.30
H
3.50
5.30
B
9.50
10.50
J
1.10
1.50
C
12.40
14.30
K
0.50
0.90
D
4.30
4.70
L
2.44
2.64
E
2.50
3.20
M
2.50
2.90
F
2.40
2.9
N
φ 3.1
φ 3.58
G
0.30
0.70


Similar Part No. - SP15200S

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SP15200 JINGHENG-SP15200 Datasheet
623Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP15200 SHUNYE-SP15200 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Gaomi Xinghe Electronic...
SP15200L GXELECTRONICS-SP15200L Datasheet
498Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SP15200L ZSELEC-SP15200L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results

Similar Description - SP15200S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1502 TSC-SR1502 Datasheet
617Kb / 2P
15.0 AMP. Schottky Barrier Rectifiers
SR1502 TSC-SR1502_10 Datasheet
499Kb / 2P
15.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR10200 SECOS-SBR10200_11 Datasheet
248Kb / 2P
Voltage 200 V 10.0 Amp Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R_11 Datasheet
253Kb / 2P
Voltage 200 V 30.0 Amp Schottky Barrier Rectifiers
SMP8200 SECOS-SMP8200 Datasheet
61Kb / 1P
Voltage 200 V 8 Amp Surface Mount Schottky Barrier Rectifiers
SR15200S SECOS-SR15200S Datasheet
185Kb / 2P
Voltage 200 V 15.0 Amp Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SB15L40L DYELEC-SB15L40L Datasheet
668Kb / 2P
15.0 AMP. L O W V F Schottky Barrier Rectifiers
SR15L40 DYELEC-SR15L40 Datasheet
667Kb / 2P
15.0 AMP. L O W V F Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200F SECOS-MBR20200F Datasheet
290Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com