Electronic Components Datasheet Search
  English  ▼

X  

SSD95N03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD95N03
Description  96A , 30V , RDS(ON) 4m N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD95N03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD95N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD95N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD95N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD95N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSD95N03
96A , 30V , RDS(ON) 4m
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
24-Nov-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
95N03
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD95N03 is the highest performance trench
N-ch MOSFETs with extreme high cell density , which provide
excellent RDS(ON) and gate charge for most of the synchronous
buck converter applications .
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
VGS=10V, TC=25°C
ID
96
A
VGS=10V,TC=100°C
88
A
Pulsed Drain Current
2
IDM
192
A
Total Power Dissipation
4
TC=25°C
P D
62.5
W
Linear Derating Factor
0.42
W / °C
Single Pulse Avalanche Energy
3
EAS
317
mJ
Single Pulse Avalanche Current
IAS
53.8
A
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~175
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction-Ambient
1
RθJA
62
°C / W
Maximum Thermal Resistance Junction-Case
1
RθJC
2.4
°C / W
1
Gate
3
Source
2
Drain
Date Code
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.35
6.80
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20


Similar Part No. - SSD95N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD95N03 SECOS-SSD95N03_15 Datasheet
1Mb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD95N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
SSD02N65 SECOS-SSD02N65 Datasheet
1Mb / 4P
2A , 650V , RDS(ON) 8 N-Ch Enhancement Mode Power MOSFET
SSD55N03 SECOS-SSD55N03_11 Datasheet
790Kb / 4P
55A, 25V, RDS(ON) 6m N-Ch Enhancement Mode Power MOSFET
SSE110N03-03P SECOS-SSE110N03-03P Datasheet
81Kb / 2P
110A , 30V , RDS(ON) 2.5m N-Channel Enhancement Mode MOSFET
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4842N SECOS-SSG4842N Datasheet
121Kb / 2P
23A , 40V , RDS(ON) 9 m N-Ch Enhancement Mode Power MOSFET
SSU50N10 SECOS-SSU50N10 Datasheet
1Mb / 4P
54A , 100V , RDS(ON) 22m N-Ch Enhancement Mode Power MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
SCP35N03J SECOS-SCP35N03J Datasheet
274Kb / 3P
35A, 30V, RDS(ON) 7m(ohm) N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com