Electronic Components Datasheet Search
  English  ▼

X  

STT6802 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6802
Description  3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6802 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT6802 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6802 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6802 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6802 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
STT6802
3.3A , 30V , RDS(ON) 65 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
15-Aug-2011 Rev. A
Page 1 of 4
6802
TOP VIEW
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
STT6802 utilized advanced processing techniques
to achieve the lowest possible on-resistance, extremely
efficient and cost-effectiveness device. The TSOP-6
package is universally used for all commercial-industrial
applications.
FEATURES
Simple Drive Requirement
Smaller Outline Package
Surface mount package
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TSOP-6
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
3
TA=25°C
ID
3.3
A
TA=70°C
2.6
Pulsed Drain Current
1
IDM
10
A
Power Dissipation
TA=25°C
P D
1.14
W
Linear Derating Factor
0.01
W / °C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
3
RθJA
110
°C / W
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
2
3
4
5
6
Date Code


Similar Part No. - STT6802

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT6802 VBSEMI-STT6802 Datasheet
521Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - STT6802

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
SMG1330N SECOS-SMG1330N Datasheet
64Kb / 2P
2.0A , 30V , RDS(ON) 58 m N-Channel Enhancement Mode MOSFET
SMG2334NE SECOS-SMG2334NE_12 Datasheet
297Kb / 4P
3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5406 SECOS-SMG5406 Datasheet
1Mb / 4P
3.6A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
-2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SSE110N03-03P SECOS-SSE110N03-03P Datasheet
81Kb / 2P
110A , 30V , RDS(ON) 2.5m N-Channel Enhancement Mode MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
SDT3N03 SECOS-SDT3N03 Datasheet
343Kb / 4P
3.5A, 30V, RDS(ON) 55 m(ohm) Dual-N Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com