Electronic Components Datasheet Search
  English  ▼

X  

TB2S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TB2S
Description  Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TB2S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TB2S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TB2S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
TB2S ~ TB10S
Voltage 200V ~ 1000V
1.0 Amp Silicon Bridge Rectifiers
14-Feb-2012 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated chip junction
High surge overload rating:30A peak
Save space on printed circuit boards
High temperature soldering guaranteed:
260°C / 10 seconds at 5 lbs. (2.3 kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Dimensions in inches and (millimeters)
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
TBS
4K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.)
Part Number
Parameter
Symbol
TB2S
TB4S
TB6S
TB8S
TB10S
Unit
Maximum Recurrent Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Instantaneous Forward Voltage @
IFM=0.4A
VF
0.95
V
0.8
1
Maximum Average Forward Rectified Current
@ TL=100°C
IF(AV)
1.0
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
IFSM
30
A
On aluminum
substrate
62.5
Typical thermal resistance
junction to ambient
On glass-epoxy
substrate
RθJA
80
Typical thermal resistance junction to lead
RθJL
25
°C / W
Maximum DC Reverse Current at Rated DC
Blocking Voltage@ TA=25°C
IR
10
A
 
Operating & Storage Temperature Range
TJ,TSTG
-55~150
°C
Notes:
1.
On glass epoxy P.C.B.
2.
On aluminum substrate.
TBS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.25
4.55
F
6.30
6.70
B
4.85
5.15
G
0.05
0.15
C
1.15
1.45
H
4.25
4.55
D
0.60
0.70
I
0.50
0.70
E
3.90
4.10
B
A
C
D
E
+
-
G
H
F
I


Similar Part No. - TB2S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TB2S PANJIT-TB2S Datasheet
108Kb / 3P
MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
TB2S BILIN-TB2S Datasheet
46Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
TB2S COMCHIP-TB2S Datasheet
100Kb / 4P
Silicon Bridge Rectifiers
logo
Microdiode Semiconducto...
TB2S CHENDA-TB2S Datasheet
733Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
TB2S DSK-TB2S Datasheet
2Mb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - TB2S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393 SECOS-SCD5393 Datasheet
469Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393S SECOS-SCD5393S Datasheet
484Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
TB151S SECOS-TB151S Datasheet
94Kb / 1P
Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
EBS101 SECOS-EBS101_15 Datasheet
235Kb / 2P
1.0 Amp Silicon Bridge Rectifiers
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
TF1S SECOS-TF1S Datasheet
209Kb / 2P
Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com