Electronic Components Datasheet Search
  English  ▼

X  

SD103AX Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # SD103AX
Description  SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

SD103AX Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  SD103AX Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Low Reverse Recovery Time
Low Reverse Capacitance
MARKING: S
___
4
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
VR
DC Blocking Voltage
40
V
VR(RMS)
RMS Reverse Voltage
28
V
IO
Forward Continuous Current
350
mA
IFRM
Repetitive Peak Forward Current @t≤1s
1
IFSM
Non-Repetitive Peak Forward Surge Current@8.3ms Half Sine Wave
15
A
PD
Power Dissipation
150
mW
RΘJA
Thermal Resistance From Junction To Ambient
667
℃/W
Tj
Junction Temperature
125
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
40
V
VR=30V
5
VR=20V
2
Reverse current
IR
VR=10V
1
μA
IF=1mA
0.27
IF=5mA
0.32
IF=20mA
0.37
Forward voltage
VF
IF=200mA
0.6
V
Total capacitance
Ctot
VR=0V,f=1MHz
50
pF
Reverse recovery time
trr
IF= IR=200mA, Irr=0.1×IR, RL=100Ω
10
ns
SOD-523
SD103AX
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - SD103AX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
logo
Shenzhen Luguang Electr...
SD103AX LUGUANG-SD103AX Datasheet
287Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SD103AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com