Electronic Components Datasheet Search
  English  ▼

X  

SS110 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # SS110
Description  1 Amp Schottky Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

SS110 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  SS110 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SS110 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Amp Schottky
Rectifier
20 to 100 Volts
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 35
°C/W Junction To Lead
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS12
SS12
20V
14V
20V
SS13
SS13
30V
21V
30V
SS14
SS14
40V
28V
40V
SS15
SS15
50V
35V
50V
SS16
SS16
60V
42V
60V
SS18
SS18
80V
56V
80V
SS110
SS110
100V
70V
100V
Average Forward
Current
IF(AV)
1.0A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SS12
SS13
SS14
SS15-16
SS18-110
VF
.45V
.55V
.60V
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Typical Junction
Capacitance
SS12
SS13-SS110
CJ
230pF
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
A
B
H
D
C
E
Cathode Band
DO-214AC
Z I M C C
F
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.177
3.99
4.50
B
0.100
0.110
2.54
2.80
C
0.078
0.096
1.98
2.42
D
0.222
5.56
E
F
0.008
0.203
G
0.006
0.012
0.152
0.305
0.157
0.194
4.93
H
0.055
0.071
1.40
1.80
0.030
0.060
0.76
1.52
•
Schottky Barrier Rectifier
•
Guard Ring Protection
•
Low Forward Voltage
•
Reverse Energy Tested
•
High Current Capability
•
Extremely Low Thermal Resistance
SS12 THRU SS110
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
Features
Maximum Ratings
Electrical Characteristics @ 25 C Unless Otherwise Specified
°


Similar Part No. - SS110

ManufacturerPart #DatasheetDescription
logo
Surge Components
SS110 SURGE-SS110 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Micro Commercial Compon...
SS110 MCC-SS110 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SS110 TSC-SS110 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS110 TSC-SS110 Datasheet
59Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
SS110 TAITRON-SS110 Datasheet
175Kb / 3P
1.0A Surface Mount Schottky Rectifier
More results

Similar Description - SS110

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12 MCC-SS12 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com